Part Number Hot Search : 
RB521 UPC1366C HX1838 C122F1 32M16 VCJ509 EG2210A LT1381
Product Description
Full Text Search
 

To Download 150D824X9006A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150D
Vishay Sprague
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
FEATURES
* Terminations: Tin/lead (SnPb), 100 % Tin (RoHS compliant) Available * These high performance, hermetically-sealed RoHS* TANTALEX(R) capacitors have set the standard for COMPLIANT solid-electrolyte tantalum capacitors for more than three decades. * High capacitance, low DCL, low dissipation factor and exceptional operating stability. * Performance and reliability have been proven in commercial, industrial and military applications. * Available in four case codes and capacitors and are supplied with plastic-film insulation. * Terminals are solid, tinned nickel wire leads. * The Military equivalent to the 150D is the CSR13 which is qualified to MIL-C-39003/01.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C (To + 125 C with voltage derating) Capacitance Tolerance: At 120 Hz, + 25 C. 20 %, 10 % standard. 5 % available as special. Dissipation Factor: At 120 Hz, + 25 C. Dissipation factor, as determined from the expression 2fRC, shall not exceed the values listed in the Standard Ratings Tables. DC Leakage Current (DCL Max.): At + 25 C: Leakage current shall not exceed the values listed in the Standard Ratings Tables. At + 85 C: Leakage current shall not exceed 10 times the values listed in the Standard Ratings Tables. At +125 C: Leakage shall not exceed 15 times the values listed in the Standard Ratings Tables. Life Test: Capacitors shall withstand rated DC voltage applied at + 85 C for 2000 h or derated DC voltage applied at + 125 C for 1000 h Following the life test: 1. DCL shall not exceed 125 % of the initial requirement 2. Dissipation Factor shall meet the initial requirement 3. Change in capacitance shall not exceed 5 %
DIMENSIONS in inches [millimeters]
1.500 0.250 [38.10 6.35] L + 1.500 0.250 [38.10 6.35] D DIA.
SOLID TINNED NICKEL LEADS J MAX ..
0.047 [1.19] MAX. 0.125 [3.18] MAX.
WITH INSULATING SLEEVE (1) CASE CODE A B R S D 0.135 0.016 [3.43 0.41] 0.185 0.016 [4.70 0.41] 0.289 0.016 [7.34 0.41] 0.351 0.016 [8.92 0.41] L 0.286 0.031 [7.26 0.79] 0.474 0.031 [12.04 0.79] 0.686 0.031 [17.42 0.79] 0.786 0.031 [19.96 0.79] J (MAXIMUM) 0.422 [10.720] 0.610 [15.490] 0.822 [20.880] 0.922 [23.420] AWG NO. 24 24 22 22
LEAD SIZE NOMINAL DIAMETER 0.020 [0.51] 0.020 [0.51] 0.025 [0.64] 0.025 [0.64]
Note: (1) When a shrink-fitted insulation is used, it shall lap over the ends of the capacitor body * Pb containing terminations are not RoHs compliant, exemptions may apply www.vishay.com 18 For technical questions, contact: tantalum@vishay.com Document Number: 40015 Revision: 16-Jan-08
150D
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
ORDERING INFORMATION
150D MODEL 224 CAPACITANCE X0 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % *X5 = 5 % *Special Order 006 DC VOLTAGE RATING This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A CASE CODE See Ratings and Case Codes Table. 2 STYLE NUMBER 0 = No Sleeve 2 = Insulated sleeve T PACKAGING E3 ROHS COMPLIANT E3 = 100 % Tin termination (RoHS compliant) Blank = SnPb termination
Vishay Sprague
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
B = Bulk T = Tape and Reel
STANDARD RATINGS
CAPACITANCE (F) CASE CODE MAX. DCL AT + 25 C (A) 6 WVDC AT + 85 C, SURGE = 8 V . . . 4 WVDC AT + 125 C, SURGE = 5 V A 150D224X0006A2 150D224X9006A2 0.5 A 150D274X9006A2 0.5 A 150D334X0006A2 150D334X9006A2 0.5 A 150D394X9006A2 0.5 A 150D474X0006A2 150D474X9006A2 0.5 A 150D564X9006A2 0.5 A 150D684X0006A2 150D684X9006A2 0.5 A 150D824X9006A2 0.5 A 150D105X0006A2 150D105X9006A2 0.5 A 150D125X9006A2 0.5 A 150D155X0006A2 150D155X9006A2 0.5 A 150D185X9006A2 0.5 A 150D225X0006A2 150D225X9006A2 0.5 A 150D275X9006A2 0.5 A 150D335X0006A2 150D335X9006A2 0.5 A 150D395X9006A2 0.5 A 150D475X0006A2 150D475X9006A2 0.5 A 150D565X9006A2 0.5 A 150D685X0006A2 150D685X9006A2 0.5 B 150D825X9006B2 0.5 B 150D106X0006B2 150D106X9006B2 0.5 B 150D126X9006B2 0.5 B 150D156X0006B2 150D156X9006B2 1.0 B 150D186X9006B2 1.0 B 150D226X0006B2 150D226X9006B2 1.0 B 150D276X9006B2 1.0 B 150D336X0006B2 150D336X9006B2 1.0 B 150D396X9006B2 1.0 B 150D476X0006B2 150D476X9006B2 2.0 B 150D566X9006B2 2.0 R 150D686X0006R2 150D686X9006R2 3.0 R 150D826X9006R2 3.0 R 150D107X0006R2 150D107X9006R2 3.0 R 150D127X0006R2 150D127X9006R2 3.0 R 150D157X0006R2 150D157X9006R2 6.0 R 150D187X0006R2 150D187X9006R2 6.0 S 150D227X0006S2 150D227X9006S2 6.0 S 150D277X0006S2 150D277X9006S2 6.0 S 150D337X0006S2 150D337X9006S2 10.0 PART NUMBER CAP. TOL. 20 % PART NUMBER CAP. TOL. 10 % MAX. DF AT + 25 C 120 Hz (%) 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8
0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0
Document Number: 40015 Revision: 16-Jan-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 19
150D
Vishay Sprague
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
STANDARD RATINGS
CAPACITANCE (F) CASE CODE Max. DCL AT+ 25 C (A) 10 WVDC AT + 85 C, SURGE = 13 V . . . 7 WVDC AT + 125 C, SURGE = 9 V A 150D224X0010A2 150D224X9010A2 0.5 A 150D274X9010A2 0.5 A 150D334X0010A2 150D334X9010A2 0.5 A 150D394X9010A2 0.5 A 150D474X0010A2 150D474X9010A2 0.5 A 150D564X9010A2 0.5 A 150D684X0010A2 150D684X9010A2 0.5 A 150D824X9010A2 0.5 A 150D105X0010A2 150D105X9010A2 0.5 A 150D125X9010A2 0.5 A 150D155X0010A2 150D155X9010A2 0.5 A 150D185X9010A2 0.5 A 150D225X0010A2 150D225X9010A2 0.5 A 150D275X9010A2 0.5 A 150D335X0010A2 150D335X9010A2 0.5 A 150D395X9010A2 0.5 A 150D475X0010A2 150D475X9010A2 0.5 B 150D565X9010B2 0.5 B 150D685X0010B2 150D685X9010B2 1.0 B 150D825X9010B2 1.0 B 150D106X0010B2 150D106X9010B2 1.0 B 150D126X9010B2 1.0 B 150D156X0010B2 150D156X9010B2 1.0 B 150D186X9010B2 1.0 B 150D226X0010B2 150D226X9010B2 2.0 B 150D276X9010B2 2.0 B 150D336X0010B2 150D336X9010B2 2.0 B 150D396X9010B2 2.0 R 150D476X0010R2 150D476X9010R2 3.0 R 150D566X9010R2 3.0 R 150D686X0010R2 150D686X9010R2 3.0 R 150D826X9010R2 3.0 R 150D107X0010R2 150D107X9010R2 6.0 R 150D127X0010R2 150D127X9010R2 6.0 S 150D157X0010S2 150D157X9010S2 10.0 S 150D187X0010S2 150D187X9010S2 10.0 S 150D227X0010S2 150D227X9010S2 10.0 15 WVDC AT + 85 C, SURGE = 20 V . . . 10 WVDC AT + 125 C, SURGE = 12 V A 150D224X0015A2 150D224X9015A2 0.5 A 150D274X9015A2 0.5 A 150D334X0015A2 150D334X9015A2 0.5 A 150D394X9015A2 0.5 A 150D474X0015A2 150D474X9015A2 0.5 A 150D564X9015A2 0.5 A 150D684X0015A2 150D684X9015A2 0.5 A 150D824X9015A2 0.5 A 150D105X0015A2 150D105X9015A2 0.5 A 150D125X9015A2 0.5 A 150D155X0015A2 150D155X9015A2 0.5 A 150D185X9015A2 0.5 A 150D225X0015A2 150D225X9015A2 0.5 A 150D275X9015A2 0.5 A 150D335X0015A2 150D335X9015A2 0.5 B 150D395X9015B2 0.5 B 150D475X0015B2 150D475X9015B2 1.0 PART NUMBER (1) CAP. TOL. 20 % PART NUMBER (1) CAP. TOL. 10 % Max. DF AT + 25 C 120 Hz (%) 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 4
0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7
(1)
Note: Insert capacitance tolerance code "X5" for 5 % units (special order)
www.vishay.com 20
For technical questions, contact: tantalum@vishay.com
Document Number: 40015 Revision: 16-Jan-08
150D
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
STANDARD RATINGS
CAPACITANCE (F) CASE CODE Max. DCL AT + 25 C (A) 15 WVDC AT + 85 C, SURGE = 20 V . . . 10 WVDC AT + 125 C, SURGE = 12 V B 150D565X9015B2 1.0 B 150D685X0015B2 150D685X9015B2 1.0 B 150D825X9015B2 1.0 B 150D106X0015B2 150D106X9015B2 1.0 B 150D126X9015B2 1.0 B 150D156X0015B2 150D156X9015B2 2.0 B 150D186X9015B2 2.0 B 150D226X0015B2 150D226X9015B2 3.0 R 150D276X9015R2 3.0 R 150D336X0015R2 150D336X9015R2 3.0 R 150D396X9015R2 3.0 R 150D476X0015R2 150D476X9015R2 6.0 R 150D566X9015R2 6.0 R 150D686X0015R2 150D686X9015R2 6.0 S 150D826X9015S2 6.0 S 150D107X0015S2 150D107X9015S2 6.0 S 150D127X0015S2 150D127X9015S2 6.0 S 150D157X0015S2 150D157X9015S2 10.0 20 WVDC AT + 85 C, SURGE = 26 V . . . 13 WVDC AT + 125 C, SURGE = 16 V A 150D273X9020A2 0.1 A 150D333X0020A2 150D333X9020A2 0.1 A 150D393X9020A2 0.1 A 150D473X0020A2 150D473X9020A2 0.1 A 150D563X9020A2 0.1 A 150D683X0020A2 150D683X9020A2 0.1 A 150D823X9020A2 0.1 A 150D104X0020A2 150D104X9020A2 0.5 A 150D124X9020A2 0.5 A 150D154X0020A2 150D154X9020A2 0.5 A 150D184X9020A2 0.5 A 150D224X0020A2 150D224X9020A2 0.5 A 150D274X9020A2 0.5 A 150D334X0020A2 150D334X9020A2 0.5 A 150D394X9020A2 0.5 A 150D474X0020A2 150D474X9020A2 0.5 A 150D564X9020A2 0.5 A 150D684X0020A2 150D684X9020A2 0.5 A 150D824X9020A2 0.5 A 150D105X0020A2 150D105X9020A2 0.5 A 150D125X9020A2 0.5 A 150D155X0020A2 150D155X9020A2 0.5 A 150D185X9020A2 0.5 A 150D225X0020A2 150D225X9020A2 0.5 B 150D275X9020B2 0.5 B 150D335X0020B2 150D335X9020B2 0.5 B 150D395X9020B2 1.0 B 150D475X0020B2 150D475X9020B2 1.0 B 150D565X9020B2 1.0 B 150D685X0020B2 150D685X9020B2 1.0 B 150D825X9020B2 1.0 B 150D106X0020B2 150D106X9020B2 1.0 B 150D126X9020B2 1.0 B 150D156X0020B2 150D156X9020B2 2.0 PART NUMBER (1) CAP. TOL. 20 % PART NUMBER (1) CAP. TOL. 10 % Max. DF AT + 25 C 120 Hz (%) 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 6 6 6 6 6
Vishay Sprague
5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0
(1)
Note: Insert capacitance tolerance code "X5" for 5 % units (special order)
Document Number: 40015 Revision: 16-Jan-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 21
150D
Vishay Sprague
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
STANDARD RATINGS
CAPACITANCE (F) CASE CODE Max. DCL AT + 25 C (A) 20 WVDC AT + 85 C, SURGE = 26 V . . . 13 WVDC AT + 125 C, SURGE = 16 V R 150D186X9020R2 3.0 R 150D226X0020R2 150D226X9020R2 3.0 R 150D276X9020R2 3.0 R 150D336X0020R2 150D336X9020R2 3.0 R 150D396X9020R2 3.0 R 150D476X0020R2 150D476X9020R2 6.0 S 150D566X9020S2 6.0 S 150D686X0020S2 150D686X9020S2 6.0 S 150D826X9020S2 6.0 S 150D107X0020S2 150D107X9020S2 10.0 35 WVDC AT + 85 C, SURGE = 46 V . . . 23 WVDC AT + 125 C, SURGE = 28 V A 150D273X9035A2 0.1 A 150D333X0035A2 150D333X9035A2 0.1 A 150D393X9035A2 0.1 A 150D473X0035A2 150D473X9035A2 0.1 A 150D563X9035A2 0.1 A 150D683X0035A2 150D683X9035A2 0.1 A 150D823X9035A2 0.1 A 150D104X0035A2 150D104X9035A2 0.5 A 150D124X9035A2 0.5 A 150D154X0035A2 150D154X9035A2 0.5 A 150D184X9035A2 0.5 A 150D224X0035A2 150D224X9035A2 0.5 A 150D274X9035A2 0.5 A 150D334X0035A2 150D334X9035A2 0.5 A 150D394X9035A2 0.5 A 150D474X0035A2 150D474X9035A2 0.5 A 150D564X9035A2 0.5 A 150D684X0035A2 150D684X9035A2 0.5 A 150D824X9035A2 0.5 A 150D105X0035A2 150D105X9035A2 0.5 B 150D125X9035B2 0.5 B 150D155X0035B2 150D155X9035B2 0.5 B 150D185X9035B2 0.5 B 150D225X0035B2 150D225X9035B2 1.0 B 150D275X9035B2 1.0 B 150D335X0035B2 150D335X9035B2 1.0 B 150D395X9035B2 1.0 B 150D475X0035B2 150D475X9035B2 1.0 B 150D565X9035B2 1.0 B 150D685X0035B2 150D685X9035B2 2.0 R 150D825X9035R2 3.0 R 150D106X0035R2 150D106X9035R2 3.0 R 150D126X9035R2 3.0 R 150D156X0035R2 150D156X9035R2 3.0 R 150D186X9035R2 3.0 R 150D226X0035R2 150D226X9035R2 6.0 S 150D276X9035S2 6.0 S 150D336X0035S2 150D336X9035S2 6.0 S 150D396X9035S2 6.0 S 150D476X0035S2 150D476X9035S2 10.0 PART NUMBER (1) CAP. TOL. 20 % PART NUMBER (1) CAP. TOL. 10 % Max. DF AT + 25 C 120 Hz (%) 6 6 6 6 6 6 6 6 6 6 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4
18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0
(1)
Note: Insert capacitance tolerance code "X5" for 5 % units (special order)
www.vishay.com 22
For technical questions, contact: tantalum@vishay.com
Document Number: 40015 Revision: 16-Jan-08
150D
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER (1) CAP. TOL. 20 % PART NUMBER (1) CAP. TOL. 10 % Max. DCL AT + 25 C Max. DF AT + 25 C 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0
Vishay Sprague
0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 1.0 2.2 4.7 5.6 6.8 8.2 10 12 15 18 22
(1)
50 WVDC AT + 85 C, SURGE = 65 V . . . 33 WVDC AT + 125 C, SURGE = 40 V A 150D563X9050A2 0.1 A 150D683X0050A2 150D683X9050A2 0.1 A 150D823X9050A2 0.1 A 150D104X0050A2 150D104X9050A2 0.5 A 150D124X9050A2 0.5 A 150D154X0050A2 150D154X9050A2 0.5 A 150D184X9050A2 0.5 A 150D224X0050A2 150D224X9050A2 0.5 A 150D274X9050A2 0.5 A 150D334X0050A2 150D334X9050A2 0.5 A 150D394X9050A2 0.5 A 150D474X0050A2 150D474X9050A2 0.5 A 150D564X9050A2 0.5 A 150D684X0050A2 150D684X9050A2 0.5 A 150D824X9050A2 0.5 A 150D105X0050A2 150D105X9050A2 0.5 B 150D125X9050B2 0.5 B 150D155X0050B2 150D155X9050B2 0.5 B 150D185X9050B2 0.5 B 150D225X0050B2 150D225X9050B2 1.0 B 150D275X9050B2 1.0 B 150D335X0050B2 150D335X9050B2 2.0 B 150D395X9050B2 2.0 B 150D475X0050B2 150D475X9050B2 3.0 R 150D565X9050R2 3.0 R 150D685X0050R2 150D685X9050R2 3.0 R 150D825X9050R2 3.0 R 150D106X0050R2 150D106X9050R2 3.0 R 150D126X9050R2 3.0 R 150D156X0050R2 150D156X9050R2 6.0 R 150D186X9050R2 6.0 S 150D226X0050S2 150D226X9050S2 6.0 60 WVDC AT + 85 C, SURGE = 78 V ... 40 WVDC AT +125 C, SURGE = 49 V A 150D104X0060A2 150D104X9060A2 0.5 A 150D124X0060A2 150D124X9060A2 0.5 A 150D154X0060A2 150D154X9060A2 0.5 A 150D184X0060A2 150D184X9060A2 0.5 A 150D224X0060A2 150D224X9060A2 0.5 A 150D274X0060A2 150D274X9060A2 0.5 A 150D334X0060A2 150D334X9060A2 0.5 A 150D394X0060A2 150D394X9060A2 0.5 A 150D474X0060A2 150D474X9060A2 0.5 A 150D564X0060A2 150D564X9060A2 0.5 A 150D684X0060A2 150D684X9060A2 0.5 B 150D105X0060A2 150D105X9060A2 0.5 B 150D225X0060A2 150D225X9060A2 1.0 R 150D475X0060A2 150D475X9060A2 3.0 R 150D565X0060A2 150D565X9060A2 3.0 R 150D685X0060A2 150D685X9060A2 4.0 R 150D825X0060A2 150D825X9060A2 5.0 R 150D106X0060A2 150D106X9060A2 6.0 S 150D126X0060A2 150D126X9060A2 6.0 S 150D156X0060A2 150D156X9060A2 9.0 S 150D186X0060A2 150D186X9060A2 10.0 S 150D226X0060A2 150D226X9060A2 12.0
Note: Insert capacitance tolerance code "X5" for 5 % units (special order)
Document Number: 40015 Revision: 16-Jan-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 23
150D
Vishay Sprague
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER (1) CAP. TOL. 20 % PART NUMBER (1) CAP. TOL. 10 % Max. DCL AT + 25 C (A) Max. DF AT + 25 C 120 Hz (%) 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 4 4 4 4 4 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82
75 WVDC AT + 85 C, SURGE = 98 V . . . 50 WVDC AT + 125 C, SURGE = 64 V A 150D333X0075A2 150D333X9075A2 0.5 A 150D393X9075A2 0.5 A 150D473X0075A2 150D473X9075A2 0.5 A 150D563X9075A2 0.5 A 150D683X0075A2 150D683X9075A2 0.5 A 150D823X9075A2 0.5 A 150D104X0075A2 150D104X9075A2 0.5 A 150D124X9075A2 0.5 A 150D154X0075A2 150D154X9075A2 0.5 A 150D184X9075A2 0.5 A 150D224X0075A2 150D224X9075A2 0.5 A 150D274X9075A2 0.5 A 150D334X0075A2 150D334X9075A2 0.5 A 150D394X9075A2 0.5 A 150D474X0075A2 150D474X9075A2 0.5 A 150D564X9075A2 0.5 A 150D684X0075A2 150D684X9075A2 0.5 B 150D824X9075B2 0.5 B 150D105X0075B2 150D105X9075B2 0.5 B 150D125X9075B2 0.5 B 150D155X0075B2 150D155X9075B2 1.0 B 150D185X9075B2 1.0 B 150D225X0075B2 150D225X9075B2 1.0 B 150D275X9075B2 1.0 B 150D335X0075B2 150D335X9075B2 2.0 B 150D395X9075B2 2.0 R 150D475X0075R2 150D475X9075R2 4.0 R 150D565X9075R2 4.0 R 150D685X0075R2 150D685X9075R2 6.0 R 150D825X9075R2 6.0 R 150D106X0075R2 150D106X9075R2 8.0 S 150D126X9075S2 10.0 S 150D156X0075S2 150D156X9075S2 12.0 100 WVDC AT + 85 C, SURGE = 130 V . . . 67 WVDC AT + 125 C, SURGE = 86 V A 150D333X0100A2 150D333X9100A2 0.5 A 150D393X9100A2 0.5 A 150D473X0100A2 150D473X9100A2 0.5 A 150D563X9100A2 0.5 A 150D683X0100A2 150D683X9100A2 0.5 A 150D823X9100A2 0.5 A 150D104X0100A2 150D104X9100A2 0.5 A 150D124X9100A2 0.5 A 150D154X0100A2 150D154X9100A2 0.5 A 150D184X9100A2 0.5 A 150D224X0100A2 150D224X9100A2 0.5 A 150D274X9100A2 0.5 A 150D334X0100A2 150D334X9100A2 0.5 A 150D394X9100A2 0.5 A 150D474X0100A2 150D474X9100A2 0.5 A 150D564X9100A2 0.5 B 150D684X0100B2 150D684X9100B2 0.5 B 150D824X9100B2 0.5
Note: (1) Insert capacitance tolerance code "X5" for 5 % units (special order) www.vishay.com 24 For technical questions, contact: tantalum@vishay.com Document Number: 40015 Revision: 16-Jan-08
150D
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
Vishay Sprague
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER (1) CAP. TOL. 20 % PART NUMBER (1) CAP. TOL. 10 % Max. DCL AT + 25 C (A) 0.5 0.5 0.6 0.6 0.6 0.6 2.5 3.0 4.0 4.0 6.0 6.0 6.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.5 1.6 1.8 2.0 2.0 2.0 2.0 2.0 2.0 Max. DF AT + 25 C 120 Hz (%) 2 3 3 3 3 3 3 3 3 3 3 3 3 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 3
100 WVDC AT + 85 C, SURGE = 130 V . . . 67 WVDC AT + 125 C, SURGE = 86 V 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 B B B B B B R R R R R S S A A A A A A A A A A A A A A A A B B B B B B B B 150D105X0100B2 150D155X0100B2 150D225X0100B2 150D335X0100R2 150D475X0100R2 150D685X0100R2 150D825X0100S2 150D106X0100S2 150D333X0125A2 150D473X0125A2 150D683X0125A2 150D104X0125A2 150D154X0125A2 150D224X0125A2 150D334X0125A2 150D474X0125A2 150D684X0125B2 150D105X0125B2 150D155X0125B2 150D225X0125B2 150D105X9100B2 150D125X9100B2 150D155X9100B2 150D185X9100B2 150D225X9100B2 150D275X9100B2 150D335X9100R2 150D395X9100R2 150D475X9100R2 150D565X9100R2 150D685X9100R2 150D825X9100S2 150D106X9100S2 150D273X9125A2 150D333X9125A2 150D393X9125A2 150D473X9125A2 150D563X9125A2 150D683X9125A2 150D823X9125A2 150D104X9125A2 150D124X9125A2 150D154X9125A2 150D184X9125A2 150D224X9125A2 150D274X9125A2 150D334X9125A2 150D394X9125A2 150D474X9125A2 150D564X9125B2 150D684X9125B2 150D824X9125B2 150D105X9125B2 150D125X9125B2 150D155X9125B2 150D185X9125B2 150D225X9125B2
125 WVDC AT + 85 C, SURGE = 140 V . . . 82 WVDC AT + 125 C, SURGE = 94 V
Note: (1) Insert capacitance tolerance code "X5" for 5 % units (special order).
Document Number: 40015 Revision: 16-Jan-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 25
150D
Vishay Sprague
Solid-Electrolyte TANTALEX(R) Capacitors Hermetically-Sealed, Axial-Lead
STANDARD REEL PACKAGING SPECIFICATIONS - MEETS EIA STANDARD RS-296 in inches [millimeters]
13.0 [330.2] STANDARD REEL 1.126 to 3.07 [28.6 to 78.0] I. D. REEL HUB 1.374 to 3.626 [34.9 to 92.1] 0.031 [0.79] MAX. OFF CENTER (1. a) 0.625 0.0062 DIA. [15.88 1.575] THRU HOLE LABEL (4. a) "A" 0.750 [19.05] SECTION "A" - "A" 0.125 [3.18] MAX. 0.250 [6.35] (3. b) 0.031 [0.79] (3. f) BOTH SIDES (3. f) B A "A" TAPE SPACING COMPONENT SPACING
CASE CODE A B R S
TYPE 150D UNITS WITH INSULATING SLEEVE D 0.135 0.016 [3.43 0.41] 0.185 0.016 [4.70 0.41] 0.289 0.016 [7.34 0.41] 0.351 0.016 [8.92 0.41] L 0.286 0.031 [7.26 0.79] 0.474 0.031 [12.04 0.79] 0.686 0.031 [17.42 0.79] 0.786 0.031 [19.96 0.79]
LEAD SIZE AWG NO. 24 24 22 22 NOM. DIA. 0.020 [0.51] 0.020 [0.51] 0.025 [0.64] 0.025 [0.64]
COMPONENT SPACING A 0.200 0.015 [5.08 0.38] 0.200 0.015 [5.08 0.38] 0.400 0.015 [10.16 0.38] 0.400 0.015 [10.16 0.38]
TAPE SPACING B 2.500 0.062 [63.5 1.57] 2.500 0.062 [63.5 1.57] 2.875 0.062 [73.03 1.57] 2.875 0.062 [73.03 1.57]
UNITS PER REEL 1000 1000 500 500
STANDARD REEL PACKAGING INFORMATION
1. Component Leads:
a. Component leads shall not be bent beyond 0.047" [1.19 mm] maximum from their nominal position when measured from the leading edge of the component lead at the inside tape edge and at the lead egress from the component. b. The "C" dimension shall be governed by the overall length of the reel packaged component. The distance between flanges shall be 0.125" to 0.250" [3.18 mm to 6.35 mm] greater than the overall component length. 2. Orientation: All polarized components must be oriented to one direction. The cathode lead tape shall be a color and the anode lead tape shall be white. 3. Reeling: a. Components on any reel shall not represent more than two date codes when date code identification is required. b. Component leads shall be positioned between pairs of 0.250" [6.35 mm] tape. c. The disposable reels have hubs and corrugated fibreboard flanges and core or equivalent. d. A minimum of 12.0" [304.8 mm] leader of tape shall be provided before the first and after the last component on the reel. e. 50 or 60 lb. Kraft paper must be wound between layer of components as far as necessary for component protection. Width of paper to be 0.062" to 0.250" [1.57 mm to 6.35 mm] less than the "C" dimension of the reel. Solid-Electrolyte TANTALEX(R) Capacitors Hermetically- Sealed, Axial-Lead.
www.vishay.com 26
f. A row of components must be centered between tapes 0.047" [1.19 mm]. In addition, individual components may deviate from center of component row 0.031" [0.79 mm]. g. Staples shall not be used for splicing. Not more than 4 layers of tape shall be used in any splice area and no tape shall be offset from another by more than 0.031" [0.79 mm] non-cumulative. Tape splices shall overlap at least 6.0" [152.4 mm] for butt joints and at least 3.0" [76.2 mm] for lap joints and shall not be weaker than unspliced tape. Universal splicing clips may also be used. h. Quantity per reel shall be controlled so that tape components and cover shall not extend beyond the smallest dimension of the flange (either across flats or diameter). Once the quantity per reel for each part number has been established, future orders for that part number shall be packaged in that quantity. When order or release quantity is less than the established quantity, a standard commercial pack is to be used. i. A maximum of 0.25 % of the components per reel quantity may be missing without consecutive missing components. j. Adequate protection must be provided to prevent physical damage to both reel and components during shipment and storage. 4. Marking: Minimum reel and carton marking shall consist of the following: Customer Part Number, Purchase Order No., Quantity, Package Date, Manufacturer's Name, Electrical Value, Date Code, Vishay Sprague Part Number and Country of Origin.
Document Number: 40015 Revision: 16-Jan-08
For technical questions, contact: tantalum@vishay.com
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 150D824X9006A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X